PART |
Description |
Maker |
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
AM29LV010B-45RJC AM29LV010B-55JC AM29LV010B-55JE A |
A 20V Single N-Channel HEXFET Power MOSFET in a DirectFET ST Package 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package 80V Single N-Channel HEXFET Power MOSFET in a SO-8 package -40V Single P-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package 20V Dual N-Bidirectional HEXFET Power MOSFET in a 6-Lead FlipFET 30V N-Channel PowerTrench MOSFET 30VN沟道的PowerTrench MOSFET -12V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package x8闪存EEPROM 1 Mb (128K x 8) Uniform Sector, Flash Memory 128K X 8 FLASH 3V PROM, 70 ns, PQCC32 x8 Flash EEPROM x8闪存EEPROM
|
Toshiba, Corp. Advanced Micro Devices, Inc. Spansion, Inc.
|
IXFT74N20 IXFR90N20 IXFE24N100 |
HIPERFET POWER MOSFETs 74 A, 200 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-268 90 A, 200 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET ISOPLUS247, 3 PIN Single MOSFET Die 22 A, 1000 V, 0.39 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IXYS, Corp.
|
IXTA4N60P IXTU4N60P IXTY4N60P |
MOSFET N-CH 600V 4A D2-PAK 4 A, 600 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
NTD18N06LT4G NTD18N06 NTD18N06L NTD18N06L-1 NTD18N |
Power MOSFET 18 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 18 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
IRF5802 IRF5802TR |
150V Single N-Channel HEXFET Power MOSFET in a TSOP-6 (Micro 6) package Power MOSFET(Vdss=150V, Id=0.9A) Power MOSFET(Vdss=150V/ Id=0.9A) 0.9 A, 150 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET
|
IRF[International Rectifier]
|
IRL7833LPBF IRL7833PBF IRL7833SPBF IRL7833STRLPBF |
75 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB HEXFET?Power MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRFBE30L IRFBE30S |
800V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET㈢ Power MOSFET HEXFET? Power MOSFET
|
International Rectifier
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
|